PART |
Description |
Maker |
STM8S005C6T6CTR STM8S005K6 STM8S005K6T6CTR STM8S00 |
Mainstream Value line 8-bit MCU with 32 Kbytes Flash, 16 MHz CPU, integrated EEPROM Value line, 16 MHz STM8S 8-bit MCU, 32 Kbytes Flash, data EEPROM,10-bit ADC, timers, UART, SPI, IC Value line, 16 MHz STM8S 8-bit MCU, 32 Kbytes Flash, data EEPROM,10-bit ADC, timers, UART, SPI, IC
|
ST Microelectronics STMicroelectronics
|
STM8S207R8T6 STM8S207KBT3CTR STM8S207CBT3CTR STM8S |
Performance line, 24 MHz STM8S 8-bit MCU, up to 128 Kbytes Flash, integrated EEPROM,10-bit ADC, timers, 2 UARTs, SPI, I虏C, CAN Performance line, 24 MHz STM8S 8-bit MCU, up to 128 Kbytes Flash, integrated EEPROM,10-bit ADC, timers, 2 UARTs, SPI, I2C, CAN
|
STMicroelectronics http://
|
STM8S903K3T6C STM8S903F3 |
16 MHz STM8S 8-bit MCU, up to 8 Kbytes Flash, 1 Kbyte RAM, 640 bytes EEPROM,10-bit ADC, 2 timers, UART, SPI, I2C Mainstream Application specific line 8-bit MCU with 8 Kbytes Flash, 16 MHz CPU, integrated EEPROM
|
STMicroelectronics STMicroelectronics N.V.
|
STM8S103K3T6C STM8S103F3M3 STM8S103F2 STM8S103K3T3 |
Mainstream Access line 8-bit MCU with 4 Kbytes Flash, 16 MHz CPU, integrated EEPROM Mainstream Access line 8-bit MCU with 8 Kbytes Flash, 16 MHz CPU, integrated EEPROM Access line, 16 MHz STM8S 8-bit MCU, up to 8 Kbytes Flash, data EEPROM,10-bit ADC, 3 timers, UART, SPI, I2C
|
ST Microelectronics STMicroelectronics
|
STM8S208XX |
(STM8S207xx / STM8S208xx) STM8S performance line revision X device limitations
|
STMicroelectronics
|
LD87C51FB-1 TP80C51FA N80C51FA-24 LN80C51FA-1 D83C |
8-BIT, MROM, 33 MHz, MICROCONTROLLER, CDIP40 8-BIT, 16 MHz, MICROCONTROLLER, PQCC44 8-BIT, 24 MHz, MICROCONTROLLER, PQCC44 EVENT-CONTROL CHMOS SINGLE-CHIP 8-BIT MICROCONTROLLER 8-BIT, 12 MHz, MICROCONTROLLER, PDIP40 8-Bit MCU: CISC: EPROM: MCS51 Family
|
INTEL CORP Intel, Corp.
|
ADSP-21369BBP-2A ADSP-21368BBP-2A ADSP-21367KBP-2A |
SHARC Processors 32-BIT, 55.56 MHz, OTHER DSP, PBGA256 32-BIT, 66.67 MHz, OTHER DSP, PBGA256 MO-192BAL-2, BGA-256 High-Performance 32-bit Floating-Point SHARC Processor for General Purpose Applications; Package: 208 Ld LQFP(28x28 w_8.9mm_heatsink); No of Pins: 208; Temperature Range: Comm. 32-BIT, 44.44 MHz, OTHER DSP, PQFP208 32-BIT, 55.56 MHz, OTHER DSP, PQFP208 32-BIT, 61.012 MHz, OTHER DSP, PQFP208
|
Analog Devices, Inc. ANALOG DEVICES INC
|
ATTINY24V-10MUR ATTINY24V-10SSUR ATTINY84V-10PU AT |
8-BIT, FLASH, 10 MHz, RISC MICROCONTROLLER, QCC20 4 X 4 MM, 0.80 MM HEIGHT, 0.50 MM PITCH, GREEN, MO-220WGGD-5, MLF-20 8-BIT, FLASH, 10 MHz, RISC MICROCONTROLLER, PDSO14 0.150 INCH, GREEN, PLASTIC, MS-012AB, SOIC-14 8-bit Microcontroller with 2/4/8K Bytes In-System Programmable Flash 8-BIT, FLASH, 10 MHz, RISC MICROCONTROLLER, PDIP14 16-BIT, FLASH, 32 MHz, RISC MICROCONTROLLER, PQFP64 8-BIT, FLASH, 40 MHz, MICROCONTROLLER, PQFP44
|
Atmel, Corp. ATMEL CORP
|
STM32F105RBT7TR STM32F105VBT7TR STM32F105VCT7TR |
Connectivity line, ARM-based 32-bit MCU with 64/256 KB Flash, USB OTG, Ethernet, 10 timers, 2 CANs, 2 ADCs, 14 communication interfaces 32-BIT, FLASH, 72 MHz, RISC MICROCONTROLLER, PQFP100
|
http:// STMICROELECTRONICS
|
AN2857 |
STM8S and STM8A family power management
|
STMicroelectronics
|
AN3208 |
Microstepping motor drive with STM8A and STM8S microcontrollers
|
STMicroelectronics
|
STEVAL-IHT007V1 |
Extension board with ACS switches for STM8S Discovery Kit
|
ST Microelectronics STMicroelectronics
|
|